| データシートサーチシステム |
|
XC62FP1501TH データシート(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP1501TH データシート(HTML) 2 Page - Torex Semiconductor |
|
2 / 16 page ![]() XC62FP Series 286 3 SOT-23 (TOP VIEW) SOT-89 (TOP VIEW) 3 1 2 VOUT VSS VSS VOUT VIN VIN 1 2 3 PIN NUMBER SOT-23 SOT-89 FUNCTION 11 Supply voltage input Ground Regulated voltage output 32 23 TO-92 (L) PIN NAME 2 1 3 TO-92 (T) 1 2 3 VIN VSS VOUT ■Product Classification GOrdering Information DESIGNATOR a e f b c d DESCRIPTION DESIGNATOR DESCRIPTION Polarity of Output Voltage: P: + (Positive) Temperature Coefficients: 0= ±100ppm (typical) Output Voltage 30=3.0V 50=5.0V Output Voltage Accuracy: 1= ±1.0% (Semi-custom) 2= ±2.0% Package Type M=SOT-23 P=SOT-89 T=TO-92 (Standard) L=TO-92 (Custom pin configuration) Device Orientation R=Embossed Tape (Standard Feed) L=Embossed Tape (Reverse Feed) H=Paper Tape (TO-92) B=Bag (TO-92) XC62FXXXXXXX ↑ a ↑ b ↑ c ↑ d ↑ e ↑ f 123 TO-92(T Type) (TOP VIEW) VIN VOUT VSS 123 TO-92 (L Type) (TOP VIEW) VIN VSS VOUT ■Pin Configuration ■Pin Assignment 03S_05XC62FP 02.9.12 3:01 PM ページ 286 |