データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DF02 データシート(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 DF02
部品情報  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02 データシート(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DF02 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DF02 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
6/11
Type
No. of
Contacts
Part Number
Drawing
A
B
C
D
E
14
DF02C014A11
SJ114040
25.8
32
19.9
9.0
9.1
26
DF02C026A11
SJ114041
33.5
32
24.8
9.5
9.1
36
DF02C036A11
SJ114245
39.8
32
31.1
10.0
9.1
50
DF02C050A11
SJ114042
48.7
32
40.0
11.5
9.15
68
DF02C068A11
SJ114247
60.1
32
51.4
12.0
9.15
14
DF02D014A11
SJ114742
25.8
39
19.9
10.0
9.1
20
DF02D020A11
SJ114243
29.7
39
22.0
11.0
9.1
26
DF02D026A11
SJ114252
33.5
39
24.8
11.0
9.1
50
DF02D050A11
SJ114254
48.7
39
40.0
11.5
9.15
26
DF02D026A21
SJ114160
33.5
39
24.8
11.0
12.0
50
DF02D050A21
SJ114162
48.7
39
40.0
11.5
12.4
Straight Short
Straight Long
Straight Long / Thick
Wire Compatible Type
■
Straight Short
■
Straight Long
■
Straight Long /
Thick Cable Compatible Type
[Hood]
Series
Development No.
Hood Type
C: Straight Short (Soldering plug cannot be used)
D: Straight Long
F: Angle Long
No. of Contacts
Lock Type
A: Lock Spring
B: Screw Lock
Applicable Cable
1: Standard
2: Thick Cable Compatible
DF 02 *******
<When mated>
<When mated>
Modification Code
1: Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11