| データシートサーチシステム |
|
DP1 データシート(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
DP1 データシート(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd. |
|
3 / 12 page ![]() MB-0192-1 3/12 JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd. DP Cable Adapters - DP to HDMI - DP source to HDMI Under development - - Type - - AWG DP to VGA DP to DVI Product type DP source to VGA DP source to DVI-D Products under consideration Under development DVI is single link Under development Remarks Drawing Materials / Finishes Board-side Receptacle DP1R*20xxx Steel/ Ni plating (Sn plating) Shell Heat resistant plastic/ No Insulator PVC/ color black (UL94V-0) Hood Copper alloy/ Contact area: Au plating over Ni Terminal area: Sn plating over Ni Contact Material / Finish Component Cable, Plug-side Connector (For Cable) DP1P020ST*xxx Lx Material / Finish Component Heat resistant plastic/ No Insulator Copper alloy/ Ni plating (Sn plating) Shell Copper alloy/ Contact area: Au plating over Ni Terminal area: Sn plating over Ni Contact Note) Halogen-free product ---- Now under consideration Note) Halogen-free product ---- Now under consideration SJ Drawing No. |