| データシートサーチシステム |
|
SF72 データシート(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
SF72 データシート(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
2 / 5 page ![]() MB-0282-1 JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd. 2/5 SF72 S 006 V B A (R2500) Series Connector Type S: NON-ZIF structure No. of Contacts Reeled Product (Note1) Modification Code Plating Specification B: Au / Au flash plating Connection Type V: With Hold-down for SMT mounting Note 1: An embossed tape reel contains 2,500 pieces. For emboss taping specifications, please contact us directly. Component Material Finish Signal Contact D-SW Contact Copper Alloy Au plating over Ni (Contact area) Au flash plating over Ni (Terminal area) Housing Synthetic resin Cover Stainless steel Au flash plating (Terminal area only) Eject Bar Synthetic resin Spring Stainless steel Cam Follower Stainless steel Materials and Finishes Ordering Information |