データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DDR4-FUNCTIONAL データシート(PDF) 4 Page - Keysight Technologies

部品番号 DDR4-FUNCTIONAL
部品情報  DDR4 Functional/Protocol Debug and Analysis Reference Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DDR4-FUNCTIONAL データシート(HTML) 4 Page - Keysight Technologies

  DDR4-FUNCTIONAL Datasheet HTML 1Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 2Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 3Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 4Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 5Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 6Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 7Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 8Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
04 | Keysight | DDR4 Functional/Protocol Debug and Analysis Reference Solution - Solution Brochure
Instruments
U4164A logic analyzer module
www.keysight.com/find/u4164a
The U4164A logic analyzer system combines reliable data capture with
powerful analysis and validation tools to enable you to quickly and
confidently validate and debug high-speed digital designs operating at
speeds up to 4 Gb/s. The U4164A logic analyzer module delivers unique
capabilities that enable you to make measurements and achieve levels of
insight not available with other logic analyzers.
M9502/05A AXIe 2-5 slot chassis
www.keysight.com/find/m9502a
The M9502/05A AXIe chassis is fully compatible with the AXIe 1.0
specification. It includes an embedded system module (ESM) that does
not take up an instrument slot. This system module performs the chassis
management functions contained in the AXIe specification. Additionally,
it provides PCI and LAN interfaces for connection to an external
computer, external clock and trigger connectors, and Keysight-exclusive,
inter-chassis synchronization connectors. The local bus implemented
in the M9502/05A provides the maximum 62 pairs allowed by the AXIe
specification. Combine the M9502/05A with the M9048A PCIe desktop
adaptor to achieve the highest system bandwidth.
M9536A AXIe embedded controller
www.keysight.com/find/m9536a
The Keysight M9536A is the first AXIe embedded controller available on
the market. It provides a high-performance PCIe Gen2 link to the AXIe
backplane and is a powerful one-slot computer that can be used to build
compact AXIe systems. It easily integrates into hybrid test systems using
GP-IB, USB, and LAN due to the built-in front panel interfaces.
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10