| データシートサーチシステム |
|
JK06DF10SW1 データシート(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JK06DF10SW1 データシート(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd. |
|
4 / 10 page ![]() MB-0285-3 4/10 JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd. Shell Coupling Nut Contact Panel Gasket Insulator Plug Receptacle Main Components Material and Finish Insulator Synthetic plastic Shell, coupling nut, endbell, ground nut Aluminum alloy / zinc plating Grommet, panel gasket, interfacial seal Synthetic rubber Contact Copper alloy / Ag plating Ground Nut Endbell Grommet Contact Grommet Component Parts Materials and Finishes JK06 A K 37 P N * Series Type A: Panel Mount Receptacle K: In-line Receptacle D: Straight Plug (with Endbell) Shell Size F: Size 18 K: Size 28 M: Size 36 No. of Contacts 10: 10 pos. 37: 37 pos. 48: 48 pos. Contact Type P: Pin Contact S: Socket Contact Modification Code (Note) Angle of Insertion N, W, X, Y, Z Ordering Information Note: The modification code is an alphanumeric character indicating product specifications. For more information please refer to product drawing or Ordering Information section of this document. |