| データシートサーチシステム |
|
KD20-RRP5-F-0 データシート(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
KD20-RRP5-F-0 データシート(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd. |
|
3 / 6 page ![]() 68 COAXIAL CONNECTORS KD10/KD20 Series ■RECEPTACLE Through-hole Solder Type Intermatable with PLUG (69 Page) Dimensions in millimeters ■Right-angle Dimension of Connector Combinations B±0.4 2 A 7.3 2 9.6 11.5 ■Part Number/Dimensions Number of Contact 1 3 5 8 Part Number AB KD10 KD20 KD10-RRP-F-0 KD10-RRP3-F-0 KD10-RRP5-F-0 KD10-RRP8-F-0 KD20-RRP-F-0 KD20-RRP3-F-0 KD20-RRP5-F-0 KD20-RRP8-F-0 15.15 13.15 21.15 33.15 16.7 14.7 22.7 34.7 ■Series Classification Series Prefix KD10 KD20 Gold Plating Thickness of Contact 0.1μm min. 0.3μm min. Structure of Contact One contacting points Double contacting points PC BOARD LAYOUT ・MOUNTING SIDE(REF.) (PC BOARD THICKNESS : 1.6mm max.) CENTER CONDUCTOR N-φ0.8 2-φ2.2 A±0.1 2±0.05 GROUND GROUND N-φ0.8 CENTER CONDUCTOR |