| データシートサーチシステム |
|
LM2575S-3.3 データシート(PDF) 22 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2575S-3.3 データシート(HTML) 22 Page - National Semiconductor (TI) |
|
22 / 27 page ![]() Additional Applications (Continued) Definition of Terms BUCK REGULATOR A switching regulator topology in which a higher voltage is converted to a lower voltage. Also known as a step-down switching regulator. BUCK-BOOST REGULATOR A switching regulator topology in which a positive voltage is converted to a negative voltage without a transformer. DUTY CYCLE (D) Ratio of the output switch’s on-time to the oscillator period. CATCH DIODE OR CURRENT STEERING DIODE The diode which provides a return path for the load current when the LM2575 switch is OFF. EFFICIENCY ( η) The proportion of input power actually delivered to the load. CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR) The purely resistive component of a real capacitor’s imped- ance (see Figure 16). It causes power loss resulting in capacitor heating, which directly affects the capacitor’s op- erating lifetime. When used as a switching regulator output filter, higher ESR values result in higher output ripple volt- ages. Most standard aluminum electrolytic capacitors in the 100 µF–1000 µF range have 0.5 Ω to 0.1Ω ESR. Higher- grade capacitors (“low-ESR”, “high-frequency”, or “low- inductance”’) in the 100 µF–1000 µF range generally have ESR of less than 0.15 Ω. EQUIVALENT SERIES INDUCTANCE (ESL) The pure inductance component of a capacitor (see Figure 16). The amount of inductance is determined to a large extent on the capacitor’s construction. In a buck regulator, this unwanted inductance causes voltage spikes to appear on the output. OUTPUT RIPPLE VOLTAGE The AC component of the switching regulator’s output volt- age. It is usually dominated by the output capacitor’s ESR multiplied by the inductor’s ripple current ( ∆I IND). The peak- to-peak value of this sawtooth ripple current can be deter- mined by reading the Inductor Ripple Current section of the Application hints. CAPACITOR RIPPLE CURRENT RMS value of the maximum allowable alternating current at which a capacitor can be operated continuously at a speci- fied temperature. STANDBY QUIESCENT CURRENT (I STBY) Supply current required by the LM2575 when in the standby mode (ON /OFF pin is driven to TTL-high voltage, thus turning the output switch OFF). INDUCTOR RIPPLE CURRENT ( ∆I IND) The peak-to-peak value of the inductor current waveform, typically a sawtooth waveform when the regulator is operat- ing in the continuous mode (vs. discontinuous mode). 01147520 Note: Pin numbers are for the TO-220 package. FIGURE 15. 1.2V to 55V Adjustable 1A Power Supply with Low Output Ripple 01147521 FIGURE 16. Simple Model of a Real Capacitor www.national.com 22 |