データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4921 データシート(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM4921
部品情報  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 データシート(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) LM4921 Datasheet HTML 12Page - National Semiconductor (TI) LM4921 Datasheet HTML 13Page - National Semiconductor (TI) LM4921 Datasheet HTML 14Page - National Semiconductor (TI) LM4921 Datasheet HTML 15Page - National Semiconductor (TI) LM4921 Datasheet HTML 16Page - National Semiconductor (TI) LM4921 Datasheet HTML 17Page - National Semiconductor (TI) LM4921 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information (Continued)
LM4921ITL DEMO BOARD OPERATION
The LM4921ITL demo board is a complete evaluation platform (Note 10), designed to give easy access to the control pins of the
part and comprise all the necessary external passive components. There are separate analog and digital supply connectors, SPI
interface bus (J1) for the control lines, I
2S interface bus (J2) for full-range digital audio, stereo headphone output (J3), and an
external MCLK input (P1) for use in place of the crystal on the demoboard.
Note 10: Parallel Port SPI Interface Card and control software available.
200486G2
FIGURE 2. LM4921ITL Demo Board Schematic
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18