データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358M データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM358M
部品情報  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM358M データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM358M Datasheet HTML 7Page - National Semiconductor (TI) LM358M Datasheet HTML 8Page - National Semiconductor (TI) LM358M Datasheet HTML 9Page - National Semiconductor (TI) LM358M Datasheet HTML 10Page - National Semiconductor (TI) LM358M Datasheet HTML 11Page - National Semiconductor (TI) LM358M Datasheet HTML 12Page - National Semiconductor (TI) LM358M Datasheet HTML 13Page - National Semiconductor (TI) LM358M Datasheet HTML 14Page - National Semiconductor (TI) LM358M Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Typical Single-Supply Applications
(V
+ = 5.0 V
DC)
Non-Inverting DC Gain (0V Output)
00778706
*R not needed due to temperature independent IIN
00778707
DC Summing Amplifier
(V
IN’S
≥ 0V
DC and VO
≥ 0V
DC)
Power Amplifier
00778708
Where: VO =V1 +V2 −V3 −V4
(V1 +V2) ≥ (V3 +V4) to keep VO > 0VDC
00778709
VO =0 VDC for VIN =0 VDC
AV =10
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25