データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP39F511 データシート(PDF) 54 Page - Microchip Technology

部品番号 MCP39F511
部品情報  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 データシート(HTML) 54 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 50Page - Microchip Technology MCP39F511 Datasheet HTML 51Page - Microchip Technology MCP39F511 Datasheet HTML 52Page - Microchip Technology MCP39F511 Datasheet HTML 53Page - Microchip Technology MCP39F511 Datasheet HTML 54Page - Microchip Technology MCP39F511 Datasheet HTML 55Page - Microchip Technology MCP39F511 Datasheet HTML 56Page - Microchip Technology MCP39F511 Datasheet HTML 57Page - Microchip Technology MCP39F511 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
MCP39F511
DS20005393B-page 54
 2015 Microchip Technology Inc.
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-140C Sheet 1 of 2
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x0.9 mm Body [QFN]
2X
28X
D
E
1
2
N
e
28X L
28X K
E2
D2
28X b
A3
A
C
SEATING
PLANE
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62