| データシートサーチシステム |
|
OMAP3530ECBC データシート(PDF) 215 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC データシート(HTML) 215 Page - Texas Instruments |
|
215 / 265 page ![]() mcspix_csn(EPOL=1) mcspix_clk(POL=0) mcspix_clk(POL=1) mcspix_simo mcspix_somi mcspix_csn(EPOL=1) mcspix_clk(POL=0) mcspix_clk(POL=1) mcspix_simo mcspix_somi Bitn-1 Bitn-2 Bitn-3 Bitn-4 Bit0 Bitn-1 Bitn-2 Bitn-3 Bitn-4 Bit0 Bitn-1 Bitn-2 Bitn-3 Bit1 Bit0 Bitn-1 Bitn-2 Bitn-3 Bit1 Bit0 SM5 SM6 SM4 SM3 SM1 SM0 SM2 SM1 SM0 SM5 SM6 SM3 SM1 SM0 SM1 SM0 SM2 SM4 SM7 Mode0&2 Mode1&3 030-077 OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Figure 6-42. McSPI Interface – Transmit and Receive in Master Mode(1) (2) (3) (1) The active clock edge (rising or falling) on which mcspix_simo is driven and mcspi_somi data is latched is software configurable with the bit MSPI_CHCONFx[0] = PHA and the bit MSPI_CHCONFx[1] = POL. (2) The polarity of mcspix_csi is software configurable with the bit MSPI_CHCONFx[6] = EPOL. (3) In mcspix, x is equal to 1. In mcspix_csn, n is equal to 0, 1, 2, or 3. Copyright © 2008–2013, Texas Instruments Incorporated TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 215 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |