| データシートサーチシステム |
|
OMAP3530ECBC データシート(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC データシート(HTML) 78 Page - Texas Instruments |
|
78 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] safe_mode 7 V6 mcbsp3_dx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart2_cts 1 I gpio_140 4 IO safe_mode 7 V5 mcbsp3_dr 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS uart2_rts 1 O gpio_141 4 IO safe_mode 7 W4 mcbsp3_ clkx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart2_tx 1 O gpio_142 4 IO safe_mode 7 V4 mcbsp3_fsx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart2_rx 1 I gpio_143 4 IO safe_mode 7 W7 uart1_tx 0 O L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_148 4 IO safe_mode 7 W6 uart1_rts 0 O L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_149 4 IO safe_mode 7 AC2 uart1_cts 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_150 4 IO safe_mode 7 V7 uart1_rx 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS mcbsp1_ clkr 2 IO mcspi4_clk 3 IO gpio_151 4 IO safe_mode 7 W19 mcbsp1_ clkr 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_clk 1 IO gpio_156 4 IO safe_mode 7 AB20 mcbsp1_fsr 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS cam_global_re 2 IO set gpio_157 4 IO safe_mode 7 W18 mcbsp1_dx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_ simo 1 IO mcbsp3_dx 2 IO gpio_158 4 IO safe_mode 7 Y18 mcbsp1_dr 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_ somi 1 IO mcbsp3_dr 2 O gpio_159 4 IO safe_mode 7 AA18 mcbsp_clks 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS cam_ shutter 2 O gpio_160 4 IO uart1_cts 5 I safe_mode 7 78 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |