| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 32 Page - Texas Instruments |
|
32 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] safe_mode 7 E27 NA dss_acbias 0 O L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_69 4 IO safe_mode 7 AG22 NA dss_data0 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_cts 2 I gpio_70 4 IO safe_mode 7 AH22 NA dss_data1 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_rts 2 O gpio_71 4 IO safe_mode 7 AG23 NA dss_data2 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_72 4 IO safe_mode 7 AH23 NA dss_data3 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_73 4 IO safe_mode 7 AG24 NA dss_data4 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_rx_ irrx 2 I gpio_74 4 IO safe_mode 7 AH24 NA dss_data5 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_tx_ irtx 2 O gpio_75 4 IO safe_mode 7 E26 NA dss_data6 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_tx 2 O gpio_76 4 IO safe_mode 7 F28 NA dss_data7 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_rx 2 I gpio_77 4 IO safe_mode 7 F27 NA dss_data8 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_78 4 IO safe_mode 7 G26 NA dss_data9 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_79 4 IO safe_mode 7 AD28 NA dss_data10 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_80 4 IO safe_mode 7 AD27 NA dss_data11 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_81 4 IO safe_mode 7 AB28 NA dss_data12 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_82 4 IO safe_mode 7 AB27 NA dss_data13 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_83 4 IO safe_mode 7 AA28 NA dss_data14 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_84 4 IO safe_mode 7 32 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |