| データシートサーチシステム |
|
OMAP3530ECUS72 データシート(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 データシート(HTML) 84 Page - Texas Instruments |
|
84 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] sys_drm_ 1 O msecure mmc3_dat6 2 IO hsusb1_dir 3 I gpio_22 4 IO hsusb1_tll_dir 6 O AD5 etk_d9 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS sys_secure_in 1 O dic ator mmc3_dat5 2 IO hsusb1_nxt 3 I gpio_23 4 IO mm1_rxdm 5 IO hsusb1_tll_nxt 6 O AC3 etk_d10 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS uart1_rx 2 I hsusb2_clk 3 O gpio_24 4 IO hsusb2_tll_clk 6 O AC9 etk_d11 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_stp 3 O gpio_25 4 IO mm2_rxdp 5 IO hsusb2_tll_stp 6 I AC10 etk_d12 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_dir 3 I gpio_26 4 IO hsusb2_tll_dir 6 O AD11 etk_d13 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_nxt 3 I gpio_27 4 IO mm2_rxdm 5 IO hsusb2_tll_nxt 6 O AC11 etk_d14 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ data0 3 IO gpio_28 4 IO mm2_rxrcv 5 IO hsusb2_tll_ 6 IO data0 AD12 etk_d15 0 O L L 4 vdds Yes 4 PU/ PD LVCMOS hsusb2_ data1 3 IO gpio_29 4 IO mm2_txse0 5 IO hsusb2_tll_ 6 IO data1 E16, F15, vdds_mem 0 PWR - - - - - - - - F16, G15, G16, H15, J6, J7, J8, K6, K7, K8 F12, F13, vdd_core 0 PWR - - - - - - - - G12, G13, H12, H13, J17, J18, K17, K18, K19, L14, L15, M14, M15, R17, R18, R19, T17, T18, T19, T20 84 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |