| データシートサーチシステム |
|
MP7680JN データシート(PDF) 5 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP7680JN データシート(HTML) 5 Page - Exar Corporation |
|
5 / 12 page ![]() MP7680 5 Rev. 3.10 ELECTRICAL CHARACTERISTICS (V DD = + 5 V, V REF = +10 V, IO UT1 = IO UT2 = DGND = AGND = 0 V Unless Otherwise Noted) 25 °C Tmin to Tmax Parameter Symbol Min Typ Max Min Max Units Test Conditions/Comments ST ATIC PERFORMANCE 1 Resolution (All Grades) N 12 12 Bits Integral Non-Linearity INL LSB Best Fit Straight Line Spec. (Relative Accuracy) (Max INL - Min INL) / 2 K +1 +1 J +2 +2 Differential Non-Linearity DNL LSB K +1 +2.0 J +4 +4.0 Gain Error GE LSB Using Internal RFB K +16 +16 J +16 +16 Gain Temperature Coefficient2 TCGE +2 ppm/°°C DGain/DTemperature Power Supply Rejection Ratio PSRR +50 +70 ppm/% |DGain/DVDD| DVDD = + 5% Output Leakage Current IOUT +50 +200 nA IOUT1 VIN = 0 V IOUT2 VIN = VDD DYNAMIC PERFORMANCE 2 RL=100W, CEXT=13pF Current Settling Time tS 1.0 ms Full scale change to 1/2 LSB REFERENCE INPUT Input Resistance RIN 3 5 7 3 7 kW Voltage Input Range2 VIN +10 +25 V DIGIT AL INPUTS Input High Voltage VIH 2.4 2.4 V Input Low Voltage VIL 0.8 0.8 V Input Current ILKG +1 +4 mA VIN = 0 V and VDD Input Capacitance2 Data CIN 7.0 pF Control CIN 7.0 pF ANALOG OUTPUTS 2 Output Capacitance COUT1 100 pF DAC all 1’s COUT1 50 pF DAC all 0’s COUT2 50 pF DAC all 1’s COUT2 100 pF DAC all 0’s |