| データシートサーチシステム |
|
MAX6442UTF データシート(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6442UTF データシート(HTML) 4 Page - Maxim Integrated Products |
|
4 / 14 page ![]() Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (continued) (VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS LBO, LBOL, LBOH, LBOLH Timeout Period tLBOP VBATT rising above threshold 150 225 300 ms LBO, LBOL, LBOH, LBOLH Delay Time tLBOD VBATT falling below threshold 100 µs (VBATT or VCC) ≥ 1.2V, ISINK = 50µA, asserted low 0.3 (VBATT or VCC) ≥ 1.6V, ISINK = 100µA, asserted low 0.3 (VBATT or VCC) ≥ 2.7V, ISINK = 1.2mA, asserted low 0.3 LBO, LBOL, LBOH, LBOLH Output Low (Open Drain) VOL (VBATT or VCC) ≥ 4.5V, ISINK = 3.2mA, asserted low 0.3 V LBO, LBOL, LBOH, LBOLH Output Open-Drain Leakage Current ILKG Output deasserted 500 nA MAX64_ _ _ _ _ _ T 3.000 3.075 3.150 MAX64_ _ _ _ _ _ S 2.850 2.925 3.000 MAX64_ _ _ _ _ _ R 2.550 2.625 2.700 MAX64_ _ _ _ _ _ Z 2.250 2.313 2.375 MAX64_ _ _ _ _ _ Y 2.125 2.188 2.250 MAX64_ _ _ _ _ _ W 1.620 1.665 1.710 VCC Reset Threshold VTH MAX64_ _ _ _ _ _ V 1.530 1.575 1.620 V VCC Reset Hysteresis 0.3 % VCC to RESET Delay VCC falling at 10mV/µs from (VTH + 100mV) to (VTH - 100mV) 50 µs MAX64_ _ _ _ _ _ _ D3 150 225 300 VCC to RESET Timeout Period tRP MAX64_ _ _ _ _ _ _ D7 1200 1800 2400 ms VIL 0.3 x VCC MR Input Voltage VIH 0.7 x VCC V MR Minimum Pulse Width tMPW 1µs MR Glitch Rejection 100 ns MR to RESET Delay 200 ns MR Reset Timeout Period tMRP 150 225 300 ms MR Pullup Resistance MR to VCC 750 1500 2250 Ω MR Rising Debounce Period tDEB (Note 3) 150 225 300 ms |