データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSOS104A データシート(PDF) 9 Page - Keysight Technologies

部品番号 MSOS104A
部品情報  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS104A データシート(HTML) 9 Page - Keysight Technologies

Back Button MSOS104A Datasheet HTML 5Page - Keysight Technologies MSOS104A Datasheet HTML 6Page - Keysight Technologies MSOS104A Datasheet HTML 7Page - Keysight Technologies MSOS104A Datasheet HTML 8Page - Keysight Technologies MSOS104A Datasheet HTML 9Page - Keysight Technologies MSOS104A Datasheet HTML 10Page - Keysight Technologies MSOS104A Datasheet HTML 11Page - Keysight Technologies MSOS104A Datasheet HTML 12Page - Keysight Technologies MSOS104A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
09 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
FFTs
Need to see frequency domain in additional to time domain? The
standard spectral viewer includes FFT controls like start/stop
RBW and CF/span. Readout includes power and frequency axis
annotation and a peak table.
Oscilloscope Overview – Frequency Domain
Gated FFTs
Infiniium supports gated math and analysis including FFTs.
Use any of the standard 16 independent gates to narrow FFT
computations to a specific time window. Drag the gate in the time
domain, and see time correlated FFT measurements for specified
time periods. The example at the right shows two simultaneously
FFTs.
Envelope measurements
Need to see the rise time of a burst? Add a rise time measurement
to an envelope function that provides an AM demodulation of a
burst.
With a built-in spectral viewer, controls, gated FFTs, 10-bit ADCs, and excellent SFDR values, the S-Series oscilloscopes provide an
excellent scope platform for FFT measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42