| データシートサーチシステム |
|
AUIR08152S データシート(PDF) 16 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
AUIR08152S データシート(HTML) 16 Page - Infineon Technologies AG |
|
16 / 18 page ![]() AUIR08152S 16 Rev. A8.0 2015-11-09 Part Marking Information Qualification Information † Qualification Level Automotive (per AEC-Q100) Comments: This family of ICs has passed an Automotive qualification. IR’s Industrial and Consumer qualification level is granted by extension of the higher Automotive level. Moisture Sensitivity Level SOIC8N MSL2 †† 260°C (per IPC/JEDEC J-STD-020) ESD Machine Model Class M2 (+/-200V) (per AEC-Q100-003) Human Body Model Class H2 (+/-2500V) (per AEC-Q100-002) Charged Device Model Class C4 (Pass +/-1000V) (per AEC-Q100-011) IC Latch-Up Test Class II, Level A (per AEC-Q100-004) RoHS Compliant Yes † Qualification standards can be found at International Rectifier’s web site http://www.irf.com/ †† Higher MSL ratings may be available for the specific package types listed here. Please contact your International Rectifier sales representative for further information. |