| データシートサーチシステム |
|
MT9072AB データシート(PDF) 63 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB データシート(HTML) 63 Page - Zarlink Semiconductor Inc |
|
63 / 275 page ![]() MT9072 Data Sheet 63 Zarlink Semiconductor Inc. Note: ADDRESS INTERPRETATION 00111000 SAPI = 14, C/R = 0 (CI) EA = 0 00111010 SAPI = 14, C/R = 1(Carrier) EA = 0 00000001 TEI = 0, EA =1 CONTROL INTERPRETATION 00000011 Unacknowledged Information Transfer ONE SECOND REPORT INTERPRETATION G1 = 1 CRC Error Event =1 G2 =1 1 < CRC Error Event < 5 G3 =1 5 < CRC Error Event < 10 G4 =1 10 < CRC Error Event < 100 G5 =1 100 < CRC Error Event < 319 G6 =1 CRC Error Event > 320 SE = 1 Severely - Errored Framing Event >=1 FE = 1 Frame Synchronization Bit Error Event >=1 LV = 1 Line code Violation Event >=1 SL = 1 Slip Event >=1 LB = 1 Payload Loopback Activated U1,U2 = 0 Under Study for sync. R = 0 Reserved - set to 0 NmNI = 00, 01, 10, 11 One Second Module 4 counter FCS INTERPRETATION VARIABLE CRC16 Frame Check Sequence Octet # 876 543 21 Octet Content 1 F L A G 01111110 2 SAP I C / R EA 00111000 or 00111010 3 T E I EA 00000001 4 C O N T R O L 00000011 5 G3 LV G4U1 U2G5 SL G6 t0 6 FE SELBG1 R G2 Nm NI t0 7 G3 LV G4U1 U2G5 SL G6 t0-1 8 FE SELBG1 R G2 Nm NI t0-1 9 G3 LV G4U1 U2G5 SL G6 t0-2 10 FE SE LB G1 R G2 Nm NI t0-2 11 G3 LV G4 U1 U2 G5 SL G6 t0-3 12 FE SE LB G1 R G2 Nm NI t0-3 13 F C S Frame Check 14 Sequence Table 21 - T1.403 and T1.408 Message Oriented Performance Report Structure (T1) |