| データシートサーチシステム |
|
AB08X5-RTC データシート(PDF) 30 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AB08X5-RTC データシート(HTML) 30 Page - Abracon Corporation |
|
30 / 33 page ![]() AB08X5 Real-Time Clock Family Date of Issue: October 16, 2014 3.0 x 3.0 mm Page 30 of 33 Abracon Drawing #453567 Revision: C 9. Notes i. The parts are manufactured in accordance with this specification. If other conditions and specifica- tions which are required for this specification, please contact ABRACON for more information. ii. ABRACON will supply the parts in accordance with this specification unless we receive a written request to modify prior to an order placement. iii. In no case shall ABRACON be liable for any product failure from inappropriate handling or operation of the item beyond the scope of this specification. iv. When changing your production process, please notify ABRACON immediately. v. ABRACON Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. ABRACON’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from ABRACON Corporation is required. Please contact ABRACON Cor- poration for more information. vi. All specifications and Marking will be subject to change without notice. |