| データシートサーチシステム |
|
DSOX2COMP データシート(PDF) 2 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX2COMP データシート(HTML) 2 Page - Keysight Technologies |
|
2 / 26 page ![]() Introduction Serial buses are pervasive in today’s digital designs and are used for a variety of purposes including on- board chip-to-chip communication, CPU to peripheral control, as well as for remote sensor data transfer and control. Without intelligent oscilloscope serial bus triggering and protocol decode, it can be difficult to debug these buses and correlate data transfers with other mixed signal interactions in your system. Keysight Technologies, Inc. InfiniiVision X-Series oscilloscopes (DSOs) and mixed-signal oscilloscopes (MSOs) offer optional integrated serial bus triggering and hardware-based protocol decoding solutions that give you the tools you need to accelerate debug of your designs that include serial bus communication. Supported Protocols and Features – I2C – SPI – RS232/UART – CAN – CAN FD (except 2000 X-Series) – CAN-dbc symbolic decode and trigger (except 2000 X-Series) – LIN – LIN-ldf symbolic decode and trigger (except 2000 X-Series) – SENT (3000T, 4000 and 6000 X-Series only) – CXPI (3000T and 4000 X-Series only) – FlexRay (except 2000 X-Series) – USB 2.0 low- and full-speed (4000 and 6000 X-Series) – USB 2.0 hi-speed (4000 and 6000 X-Series only) – USB 2.0 signal quality (4000 and 6000 X-Series only) – I2S (except 2000 X-Series) – MIL-STD 1553 (except 2000 X-Series) – ARINC 429 (except 2000 X-Series) – Hardware-based decoding – Multi-bus analysis (except 2000 X-Series) – Automatic search and navigation – Compatibility with segmented memory acquisition – Eye-diagram mask files available for CAN, FlexRay, MIL-STD 1553, and ARINC 429 (requires DSOX2MASK/DSOX3MASK/DSOX4MASK/DSOX6MASK mask test option) – FlexRay physical layer conformance test software (except 2000 X-Series) |