| データシートサーチシステム |
|
SMA20A データシート(PDF) 2 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
SMA20A データシート(HTML) 2 Page - Lite-On Technology Corporation |
|
2 / 4 page ![]() RATING AND CHARACTERISTIC CURVES SMA SERIES FIG.1 - PULSE DERATING CURVE 25 75 100 125 150 0 50 50 100 0 175 75 25 200 10 X 1000 WAVEFORM AS DEFINED BY R.E.A. FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT NUMBER OF CYCLES AT 60Hz 15 10 50 100 2 20 0 10 Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD) 20 30 40 50 60 FIG.6 - STEADY STATE POWER DERATING CURVE TL, LEAD TEMPERATURE 25 75 100 125 150 0.0 50 0 175 200 0.2 0.4 0.6 0.8 1.0 60Hz RESISTIVE OR INDUCTIVE LOAD FIG.3 - PULSE WAVEFORM AMBIENT TEMPERATURE, C FIG.4 - TYPICAL JUNCTION CAPACITANCE STAND-OFF VOLTAGE, VOLTS 10 1 100 10000 1000 100 10 1000 Uni-directional Bi-directional TJ = 25 C FIG.5 - PULSE RATING CURVE TP, PULSE WIDTH 0.1 1.0 10 0.1us 1.0us 10us 100us 1.0ms 10ms 100 TA=150 C 5.0mm LEAD AREAS NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIG 3. 0 0 T , TIME ( ms ) 50 100 1.0 2.0 3.0 4.0 TR=10us Peak value (IRSM) TP 10 x 1000 waveform as defined by R.E.A. Pulse width (TP) is defined as that point where the peak current decays to 50% of IRSM TJ=25 C IRSM 2 Half value= REV. 2, 01-Dec-2000, KSIA01 |