| データシートサーチシステム |
|
PRCP-R185 データシート(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-R185 データシート(HTML) 1 Page - Copal Electronics |
|
1 / 7 page ![]() * RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Customers should verify actual device performance in their specific applications. PRCP-R Series - Polymer Resettable Circuit Protectors R S 0 8 1 5 1 1 0 1 Hour (R 1) Max. Time Tripped Ihold Itrip Initial Post-Trip To Trip Power Resistance Resistance Dissipation Model Amperes Ohms Ohms Amperes Seconds Watts V max. I max. at 23 C at 23 C at 23 C at 23 C at 23 C at 23 °C Volts Amps Hold Trip Min. Max. Max. Typ. PRCP-R005** PRCP-R010 PRCP-R017 PRCP-R020 PRCP-R025 PRCP-R030 PRCP-R040 PRCP-R050 PRCP-R065 PRCP-R075 PRCP-R090 PRCP-R090-0-9 PRCP-R110 PRCP-R135 PRCP-R160 PRCP-R185 PRCP-R250 PRCP-R250-0-10 PRCP-R300 30 40 3.00 6.00 0.020 0.05 0.08 15.0 10.8 2.00 PRCP-R400 30 40 4.00 8.00 0.010 0.03 0.05 20.0 12.7 2.50 PRCP-R500 30 40 5.00 10.00 0.010 0.03 0.05 25.0 14.5 3.00 PRCP-R600 30 40 6.00 12.00 0.005 0.02 0.04 30.0 16.0 3.50 PRCP-R700 30 40 7.00 14.00 0.005 0.02 0.03 35.0 17.5 3.80 PRCP-R800 30 40 8.00 16.00 0.005 0.02 0.03 40.0 18.8 4.00 PRCP-R900 30 40 9.00 18.00 0.005 0.01 0.02 45.0 ***20.0 4.20 PRCP-R1100 16 100 11.00 22.00 0.003 0.01 0.014 40.0 20.0 4.50 Electrical Characteristics Features Radial Leaded Devices Cured, flame retardant epoxy polymer insulating material meets UL 94V-0 requirements RoHS compliant* and halogen free** Agency recognition: Applications Almost anywhere there is a low voltage power supply and a load to be protected, including: Computers & peripherals General electronics Automotive applications ***Tested at 40 amps Operating/Storage Temperature ........................-40 °C to +85 °C Maximum Device Surface Temperature in Tripped State ................................................125 °C Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change Humidity Aging ....................................................+85 °C, 85 % R.H. 1000 hours ....................±5 % typical resistance change Thermal Shock ....................................................-40 °C to +85 °C, 10 times ..........................±10 % typical resistance change Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change Condition A Environmental Characteristics Test Test Conditions Accept/Reject Criteria Visual/Mech. ......................................................Verify dimensions and materials..................Per PRCP physical description Resistance ..........................................................In still air @ 23 °C........................................Rmin ≤ R ≤ R max Time to Trip ........................................................5 times Ihold, Vmax, 23 °C..........................T ≤ max. time to trip (seconds) Hold Current ......................................................30 min. at Ihold............................................No trip Trip Cycle Life ....................................................Vmax, Imax,100 cycles ..............................No arcing or burning Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning UL File Number ..................................................E300792 CSA File Number ................................................CA1730526 TÜV File Number ................................................R 50075506 Test Procedures And Requirements For Model PRCP-R Series 60 40 0.05 0.10 7.3 11.1 22.0 0.5 5.0 0.22 60 40 0.10 0.20 2.50 4.50 7.50 0.5 4.0 0.38 60 40 0.17 0.34 2.00 3.20 8.00 0.85 3.0 0.48 60 40 0.20 0.40 1.50 2.84 4.40 1.0 2.2 0.40 60 40 0.25 0.50 1.00 1.95 3.00 1.25 2.5 0.45 60 40 0.30 0.60 0.76 1.36 2.10 1.5 3.0 0.50 60 40 0.40 0.80 0.52 0.86 1.29 2.0 3.8 0.55 60 40 0.50 1.00 0.41 0.77 1.17 2.5 4.0 0.75 60 40 0.65 1.30 0.27 0.48 0.72 3.25 5.3 0.90 60 40 0.75 1.50 0.18 0.40 0.60 3.75 6.3 0.90 60 40 0.90 1.80 0.14 0.31 0.47 4.5 7.2 1.00 30 40 0.90 1.80 0.07 0.12 0.22 4.5 5.9 0.60 30 40 1.10 2.20 0.10 0.18 0.27 5.5 6.6 0.70 30 40 1.35 2.70 0.065 0.115 0.17 6.75 7.3 0.80 30 40 1.60 3.20 0.055 0.105 0.15 8.0 8.0 0.90 30 40 1.85 3.70 0.040 0.07 0.11 9.25 8.7 1.00 30 40 2.50 5.00 0.025 0.048 0.07 12.5 10.3 1.20 30 40 2.50 5.00 0.025 0.048 0.07 12.5 10.3 1.20 CCC ** UL/TÜV only COPAL follows the prevailing definition of “halogen free” in the industy. COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less. |
同様の部品番号 - PRCP-R185 |
|
同様の説明 - PRCP-R185 |