| データシートサーチシステム |
|
FT51CS-R データシート(PDF) 36 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51CS-R データシート(HTML) 36 Page - Future Technology Devices International Ltd. |
|
36 / 43 page ![]() Copyright © Future Technology Devices International Limited 36 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 Appendix A – References Document References TN_100 USB Vendor ID / Product ID Guidelines AN_352 FT51A Installation Guide AN_345 FT51A Keyboard Sample AN_346 FT51A Mouse Sample AN_347 FT51A Test and Measurement Sample AN_348 FT51A FT800 Sensors Sample AN_349 FT51A FT800 Spaced Invaders Sample AN_354 FT51A Standalone Demo Application AN_289 FT51A Programming Guide Acronyms and Abbreviations Terms Description ADC Analog to Digital Converter CPU Central Processing Unit FPGA Field Programmable Gate Array LQFP Low Profile Quad Flat Package MCU Micro Controller Unit PLD Programmable Logic Device QFN Quad Flat No-leads RoHS Restriction of Hazardous Substances Directive SPI Serial Peripheral Interface UART Universal Asynchronous Receiver/Transmitter USB Universal Serial Bus |