| データシートサーチシステム |
|
US232 データシート(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
US232 データシート(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 2 page ![]() Copyright © Future Technology Devices Intl. Ltd. 2002 Page 2 of 2 US232 Eval Cable for FT8U232AM Installation Instructions ( P.C. ) Before plugging the adapter into the PC’s USB port, please insert the US232 Driver and Utility CD into the CD drive of the PC. The PC will then display a menu ( pictured above ) showing the installation guides for the different versions of Windows. These guides are written in HTML and will display on the internet browser of your PC. We recommend that you review the installation guide for your versions of Windows prior to proceeding. Plug the adapter into a USB ( or USB hub ) port on your PC and follow the procedure outlined in the installation guide. Installation usually only takes a few seconds if you are already familiar with the procedure. Should you wish to uninstall the drivers at a later date, please consult the uninstall guide on the CD which explains the correct procedure. For your convenience, the US232 CD also includes installable versions of WINZIP 8.0 and Adobe Acrobat Reader 5.0 should you not already have these on your system. Also included is the FTDI Product Data CD which contains data sheets, application notes and schematics for FTDI’s USB UART and USB FIFO USB devices. For the most up to date information, visit FTDI’s web site – a convenient button is provided to launch your Internet browser and take you directly to the web site. Installation Instructions ( MAC / Linux ) MAC drivers should be downloaded from the “Drivers and Utilities” page of the FTDI web site. Instructions on installation can be found there. Linux systems with an O.S. version of 4.20 and higher already have the driver included with the O.S. – no installation is required – just plug the device into the PC. |