データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6720-27ACPZ-R7 データシート(PDF) 36 Page - Analog Devices

部品番号 ADRF6720-27ACPZ-R7
部品情報  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 データシート(HTML) 36 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 35 of 43
Address: 0x10, Reset: 0xF67F, Name: ENBL_MASK
Table 20. Bit Descriptions for ENBL_MASK
Bits
Bit Name
Settings
Description
Reset
Access
11
LO_1XVCO_MASK
Enable 1 × LO with internal VCO.
0x0
RW
10
MOD_MASK
MOD Enable.
0x1
RW
9
QUAD_DIV_MASK
Quadrature Divide Path Enable (2 ×/4 ×/8 × LO).
0x1
RW
8
LO_DRV2X_MASK
External 2 × LO Driver Enable—Before Quad Divider.
0x0
RW
7
LO_DRV1X_MASK
External 1 × LO Driver Enable—After Quad Divider.
0x0
RW
6
VCO_MUX_MASK
VCO_Mux_Enable.
0x1
RW
5
REF_BUF_MASK
Reference Buffer Enable.
0x1
RW
4
VCO_MASK
Power Up VCOs.
0x1
RW
3
DIV_MASK
Power Up Dividers.
0x1
RW
2
CP_MASK
Power Up Charge Pump.
0x1
RW
1
VCO_LDO_MASK
Power Up VCO LDO.
0x1
RW
Address: 0x20, Reset: 0x0C26, Name: CP_CTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44