| データシートサーチシステム |
|
MCS3142 データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 データシート(HTML) 30 Page - Microchip Technology |
|
30 / 37 page ![]() MCS3142 DS40001747A-page 30 2014 Microchip Technology Inc. 10.0 PACKAGING INFORMATION 10.1 Package Marking Information 20-Lead TSSOP Example MCS3142 -I/ST 1406 3 e 017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e * Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. |