| データシートサーチシステム |
|
MCS3142-I/ST データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142-I/ST データシート(HTML) 14 Page - Microchip Technology |
|
14 / 37 page ![]() MCS3142 DS40001747A-page 14 2014 Microchip Technology Inc. TABLE 3-19: ENCODER BUTTON ASSIGNMENT CONFIGURATION REGISTERS Byte Address Bit Description Values 0x5F 7 Encoder Assignment when S0, S1, S2 active; S3 inactive 0 = Classic KEELOQ® 1 = Ultimate KEELOQ® 6 Encoder Assignment when S1, S2 active; S0, S3 inactive 5 Encoder Assignment when S0, S2 active; S1, S3 inactive 4 Encoder Assignment when S2 active; S0, S1, S3 inactive 3 Encoder Assignment when S0, S1 active; S2, S3 inactive 2 Encoder Assignment when S1 active; S0, S2, S3 inactive 1 Encoder Assignment when S0 active; S1, S2, S3 inactive 0 Reserved 0x60 7 Encoder Assignment when S0, S1, S2, S3 active 6 Encoder Assignment when S1, S2, S3 active; S0 inactive 5 Encoder Assignment when S0, S2, S3 active; S1 inactive 4 Encoder Assignment when S2, S3 active; S0, S1 inactive 3 Encoder Assignment when S0, S1, S3 active; S2 inactive 2 Encoder Assignment when S1, S3 active; S0, S2 inactive 1 Encoder Assignment when S0, S3 active; S1, S2 inactive 0 Encoder Assignment when S3 active; S0, S1, S2 inactive TABLE 3-20: SEED BUTTON ASSIGNMENT CONFIGURATION REGISTERS Byte Address Bit Description Values 0x61 7 Seed Assignment when S0, S1, S2 active; S3 inactive 0 = Typical transmission 1 = Seed transmission 6 Seed Assignment when S1, S2 active; S0, S3 inactive 5 Seed Assignment when S0, S2 active; S1, S3 inactive 4 Seed Assignment when S2 active; S0, S1, S3 inactive 3 Seed Assignment when S0, S1 active; S2, S3 inactive 2 Seed Assignment when S1 active; S0, S2, S3 inactive 1 Seed Assignment when S0 active; S1, S2, S3 inactive 0 Reserved 0x62 7 Seed Assignment when S0, S1, S2, S3 active 6 Seed Assignment when S1, S2, S3 active; S0 inactive 5 Seed Assignment when S0, S2, S3 active; S1 inactive 4 Seed Assignment when S2, S3 active; S0, S1 inactive 3 Seed Assignment when S0, S1, S3 active; S2 inactive 2 Seed Assignment when S1, S3 active; S0, S2 inactive 1 Seed Assignment when S0, S3 active; S1, S2 inactive 0 Seed Assignment when S3 active; S0, S1, S2 inactive |