| データシートサーチシステム |
|
MIC2128YML データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC2128YML データシート(HTML) 30 Page - Microchip Technology |
|
30 / 32 page ![]() DS20005620A-page 30 2016 Microchip Technology Inc. MIC2128 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. Device Device: MIC2128: 75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start Temperature: Y = Pb-Free with Industrial Temperature Grade (-40°C to +125°C) Package: ML = 16-Lead, 3x3 mm QFN Examples: a) MIC2128YML: Synchronous Buck Controller, -40°C to +125°C junction temperature range, 16LD QFN package XX X Package Code Temperature |