データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7297D データシート(PDF) 1 Page - STMicroelectronics

部品番号 TDA7297D
部品情報  10W10W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297D データシート(HTML) 1 Page - STMicroelectronics

  TDA7297D Datasheet HTML 1Page - STMicroelectronics TDA7297D Datasheet HTML 2Page - STMicroelectronics TDA7297D Datasheet HTML 3Page - STMicroelectronics TDA7297D Datasheet HTML 4Page - STMicroelectronics TDA7297D Datasheet HTML 5Page - STMicroelectronics TDA7297D Datasheet HTML 6Page - STMicroelectronics TDA7297D Datasheet HTML 7Page - STMicroelectronics TDA7297D Datasheet HTML 8Page - STMicroelectronics TDA7297D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
TDA7297D
May 2004
1FEATURES
■
TECHNOLOGY BI20II
■
WIDE SUPPLY VOLTAGE RANGE (6.5 - 18V)
■
OUTPUT POWER 10+10W @ THD = 10%,
RL = 8Ω, VCC = 13V
■
MINIMUM EXTERNAL COMPONENTS
– NO SVR CAPACITOR
– NO BOOTSTRAP
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN
■
STAND-BY & MUTE FUNCTIONS
■
SHORT CIRCUIT PROTECTION
■
THERMAL OVERLOAD PROTECTIONE
2DESCRIPTION
The TDA7297D is a dual bridge amplifier specially
designed for Home Audio, Plasma TV, LCD TV appli-
cations.
10W+10W DUAL BRIDGE AMPLIFIER
Figure 2. TEST AND APPLICATION CIRCUIT
2
5
7
Vref
ST-BY
JP1
9
IN1
C3 0.22
µF
VCC
15
6
D02AU1407
+
-
-
+
OUT1+
OUT1-
19
16
14
MUTE
8
IN2
C5 0.22
µF
+
-
-
+
OUT2+
OUT2-
20
13
S-GND
PW-GND
C1
470
µF
C2
100nF
C7
100nF
1
10
11
C4
10
µF
R1
47K
R2
47K
C6
1
µF
R3 10K
R4 10K
+5V
REV. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7297D
PowerSO20 (SLUG UP)
PowerSO20 (SLUG UP)


同様の部品番号 - TDA7297D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
125Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
May-1997
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
1010W DUAL BRIDGE AMPLIFIER
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
183Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
Sep-2003
More results

同様の説明 - TDA7297D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
10W AMPLIFIER
Dec-1999
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
1010W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
1010W DUAL BRIDGE AMPLIFIER
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
10W DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com