データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MUR2020CT データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 MUR2020CT
部品情報  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MUR2020CT データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  MUR2020CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MUR2020CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultrafast Rectifier
MUR2020CT
FEATURES
·
Ultrafast recovery time
·
175℃ Operating temperature
·
Popular TO-220 package
·
Low forward voltage drop
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
·
General purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current Per Leg
Total device
10
20
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
100
A
PD
Maximum power dissipation
75
W
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃


同様の部品番号 - MUR2020CT

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
MUR2020CT MCC-MUR2020CT Datasheet
644Kb / 2P
20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
logo
International Rectifier
MUR2020CT IRF-MUR2020CT Datasheet
174Kb / 8P
Ultrafast Rectifier
logo
Vishay Siliconix
MUR2020CT VISHAY-MUR2020CT Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
28-Jul-08
logo
Shanghai Lunsure Electr...
MUR2020CT CHENYI-MUR2020CT Datasheet
625Kb / 2P
20Amp super fast glass passivated rectifier 100to200volts
logo
Rugao Dachang Electroni...
MUR2020CT DACHANG-MUR2020CT Datasheet
138Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
More results

同様の説明 - MUR2020CT

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com