データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1973M データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1973M
部品情報  關Pot??-Channel 76dB Audio Attenuator with Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1973M データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1973M Datasheet HTML 2Page - National Semiconductor (TI) LM1973M Datasheet HTML 3Page - National Semiconductor (TI) LM1973M Datasheet HTML 4Page - National Semiconductor (TI) LM1973M Datasheet HTML 5Page - National Semiconductor (TI) LM1973M Datasheet HTML 6Page - National Semiconductor (TI) LM1973M Datasheet HTML 7Page - National Semiconductor (TI) LM1973M Datasheet HTML 8Page - National Semiconductor (TI) LM1973M Datasheet HTML 9Page - National Semiconductor (TI) LM1973M Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application Information (Continued)
INPUT IMPEDANCE
The input impedance of a µPot is constant at a nominal
40 k
Ω. To eliminate any unwanted DC components from
propagating through the device it is common to use 1 µF in-
put coupling caps. This is not necessary, however, if the dc
offset from the previous stage is negligible. For higher per-
formance systems, input coupling caps are preferred.
OUTPUT IMPEDANCE
The output of a µPot varies typically between 25 k
Ω and
35 k
Ω and changes nonlinearly with step changes. Since a
µPot is made up of a resistor ladder network with a logarith-
mic attenuation, the output impedance is nonlinear. Due to
this configuration, a µPot cannot be considered as a linear
potentiometer, but can be considered only as a logarithmic
attenuator.
It should be noted that the linearity of a µPot cannot be mea-
sured directly without a buffer because the input impedance
of most measurement systems is not high enough to provide
the required accuracy. Due to the low impedance of the mea-
surement system, the output of the µPot would be loaded
down and an incorrect reading will result. To prevent loading
from occurring, a JFET input op amp should be used as the
buffer/amplifier. The performance of a µPot is limited only by
the performance of the external buffer/amplifier.
MUTE FUNCTION
One major feature of a µPot is its ability to mute the input sig-
nal to an attenuation level of 104dB as shown in
Figure 3.
This is accomplished internally by physically isolating the
output from the input while also grounding the output pin
through approximately 2 k
Ω.
The mute function is obtained during power-up of the device
or by sending any binary data of 01001111 and above (to
11111111) serially to the device. The device may be placed
into mute from a previous attenuation setting by sending any
of the above data. This allows the designer to place a mute
button onto his system which could cause a microcontroller
to send the appropriate data to a µPot and thus mute any or
all channels. Since this function is achieved through soft-
ware, the designer has a great amount of flexibility in config-
uring the system.
DC INPUTS
Although the µPot was designed to be used as an attenuator
for signals within the audio spectrum, the device is capable
of tracking an input DC voltage. The device will track DC
voltages to a diode drop above each supply rail.
One point to remember about DC tracking is that with a
buffer at the output of the µPot, the resolution of DC tracking
will depend upon the gain configuration of that output buffer
and its supply voltage. It should also be remembered that the
output buffer’s supply voltage does not have to be the same
as the µPot’s supply voltage. This could allow for more reso-
lution when DC tracking.
SERIAL DATA FORMAT
The LM1973 uses a 3-wire serial communication format that
is easily controlled by a microcontroller. The timing for the
3-wire set, comprised of DATA-IN, CLOCK, and LOAD/
SHIFT is shown in
Figure 2. Figure 9 exhibits in block dia-
gram form how the digital interface controls the tap switches
which select the appropriate attenuation level. As depicted in
Figure 2, the LOAD/SHIFT line is to go low at least 150 ns
before the rising edge of the first clock pulse and is to remain
low throughout the transmission of each set of 16 data bits.
The serial data is comprised of 8 bits for channel selection
and 8 bits for attenuation setting. For both address data and
attenuation setting data, the MSB is sent first and the 8 bits
of address data are to be sent before the 8 bits of attenuation
data. Please refer to
Figure 7 to confirm the serial data for-
mat transfer process.
LM1973 Channel Attenuation
vs Digital Step Value
(Programmed 2.0dB Steps)
DS011958-15
FIGURE 5. LM1973 2.0dB Attenuation Step Scheme
DS011958-8
FIGURE 6. Mono Level Control with Panning Circuit
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11