データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2202 データシート(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2202
部品情報  230 MHz Video Amplifier System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2202 データシート(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2202 Datasheet HTML 9Page - National Semiconductor (TI) LM2202 Datasheet HTML 10Page - National Semiconductor (TI) LM2202 Datasheet HTML 11Page - National Semiconductor (TI) LM2202 Datasheet HTML 12Page - National Semiconductor (TI) LM2202 Datasheet HTML 13Page - National Semiconductor (TI) LM2202 Datasheet HTML 14Page - National Semiconductor (TI) LM2202 Datasheet HTML 15Page - National Semiconductor (TI) LM2202 Datasheet HTML 16Page - National Semiconductor (TI) LM2202 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Power Down Characteristics
The LM2202 includes a built-in power down spot killer to pre-
vent a flash on the screen upon power down. The LM2202’s
output voltage decreases as the device is being powered
down, thus preventing a flash on the screen. In some pream-
plifiers, the video output signal may go high as the device is
being powered down. This may cause a whiter-than-white
level at the output of the CRT driver, thus causing a flash on
the screen.
PC Board Layout Considerations
For
optimum
performance
and
stable
operation,
a
double-sided printed circuit board with adequate ground
plane and power supply decoupling as close to the V
CC pins
as possible is recommended. For suggestions on optimum
PC board layout, please see the reference section below.
Reference
Ott, Henry W,
Noise Reduction Techniques in Electronic
Systems , John Wiley & Sons, New York, 1976.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17