| データシートサーチシステム |
|
TST_DM データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
TST_DM データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
2 / 8 page ![]() Dedication•Trustworthinese *Automotive grade APPLICATION : GPS | GLONASS | GALILEO | BEIDOU | Wearable Device Size (mm) P/N Frequency (MHz) TCXO/XO Voltage (V) Tolerance (ppm) TX0408C TX0360A TX0279A TX0275A TX0358A TX0455A TX0203A TX0395B TX0486A TX0627A TX0590B 26 16.367667 16.367667 16.368 16.368 26 26 26 26 24.576 16.369 1.8 2.85 2.85 2.85 1.8 2.85 2.775 2.8 2.8 3.3 1.7~3.3 ±0.5 ±0.5 ±0.5 ±0.5 ±0.5 ±0.5 ±0.5 ±0.5 ±0.5 ±1.5 ±2 2.0x1.6 2.5x2.0 3.2x2.5 3.2x2.5 2.5x2.0 2.5x2.0 3.2x2.5 2.5x2.0 2.5x2.0 3.2x2.5 2.5x2.0 Crystal Size (mm) P/N Frequency (MHz) Load Capacitance (PF) Tolerance (ppm) TZ1006A TZ2528A TZ3120A TZ3108A TZ1628A TZ1628C 32.768KHz 32.768KHz 32.768KHz 32.768KHz 26 26 12.5 12.5 9 12.5 19 19 ±20 ±20 ±20 ±20 ±7 ±7 3.2x1.5 2.0x1.2 1.6x1.0 1.6x1.0 3.2x2.5 3.2x2.5 SAW Filter Size (mm) P/N Frequency (MHz) Insertion Loss (dB) Band Width (MHz) TA0757B (GPS band) TA0757AB (GPS band) TA1425A (GPS band) TA0440A (Car Antenna) 1575.42 1575.42 1574.42 1575.42 0.9 0.9 0.9 2.9 2 2 2 2 1.4x1.1 1.4x1.1 1.4x1.1 3.0x3.0 TA1267A TA1267E TA0676A TA1658A (GNSS) TA1804A TA1442A TA1901A TA1785A TA1745A 1588.655 1588.655 1592.5 1582.4 1582.469 2492 1587.5 1583 1583 1.25 1.25 2.6 1.7 1.1 1.55 2 1.8 1.8 46.84 34.47 34.47 43 46.61 1.1X0.9 1.4x1.1 1.4x1.1 3.0x3.0 3.0x3.0 TA1954A (GPS+GLONASS+COMPASS) 1582.47 1.2 46.834 5 57 46.79 46.79 1.1X0.9 3.0X3.0 2.0x1.6 3.0x3.0 2.0x1.6 TA1343A (GPS+GLONASS+GALILEO+BEIDOU) TA1343B (GPS+GLONASS+GALILEO+BEIDOU) TA1661A (GPS+GLONASS+GALILEO+BEIDOU) 1583 1583 1583 1.2 1.2 2.1 46.79 46.79 46.79 1.4x1.1 1.4x1.1 1.4x1.1 *AEC-Q200 *AEC-Q200 *AEC-Q200 *AEC-Q200 *AEC-Q200 |