データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMF682ANY-EB データシート(PDF) 18 Page - OPTREX CORPORATION

部品番号 DMF682ANY-EB
部品情報  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTREX [OPTREX CORPORATION]
ホームページ  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB データシート(HTML) 18 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 14Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 15Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 16Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 17Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 18Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 18/18
OPTREX
8) For models which use touch panels:
①Do not stack up modules since they can be damaged by components on neighboring modules.
②Do not place heavy objects on top of the product. This could cause glass breakage.
9) For models which use COG,TAB,or COF:
①The mechanical strength of the product is low since the IC chip faces out unprotected from the rear.
Be sure to protect the rear of the IC chip from external forces.
②Given the fact that the rear of the IC chip is left exposed, in order to protect the unit from electrical
damage, avoid installation configurations in which the rear of the IC chip runs the risk of making
any electrical contact.
10) Models which use flexible cable, heat seal, or TAB:
①In order to maintain reliability, do not touch or hold by the connector area.
②Avoid any bending, pulling, or other excessive force, which can result in broken connections.
11.W arranty
This product has been manufactured to your company’s specifications as a part for use in your company’s
general electronic products. It is guaranteed to perform according to delivery specifications. For any other
use apart from general electronic equipment, we cannot take responsibility if the product is used in medical
devices, nuclear power control equipment, aerospace equipment, fire and security systems, or any other
applications in which there is a direct risk to human life and where extremely high levels of reliability are
required. If the product is to be used in any of the above applications, we will need to enter into a separate
product liability agreement.
① We cannot accept responsibility for any defect, which may arise from additional manufacturing of
the product (including disassembly and reassembly), after product delivery.
② We cannot accept responsibility for any defect, which may arise after the application of strong
external force to the product.
③ We cannot accept responsibility for any defect, which may arise due to the application of static
electricity after the product has passed your company’s acceptance inspection procedures.
④ When the product is in CFL models, CFL service life and brightness will vary according to the
performance of the inverter used, leaks, etc. We cannot accept responsibility for product
performance, reliability, or defect, which may arise.
⑤ We cannot accept responsibility for intellectual property of a third party, which may arise through the
application of our product to your assembly with exception to those issues relating directly to the
structure or method of manufacturing of our product.
⑥ Optrex will not be held responsible for any quality guarantee issue for defect products judged as
Optrex-origin longer than 2 (two) years from Optrex production or 1(one) year from Optrex, Optrex
America, Optrex Europe, Display LC delivery which ever comes later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18