| データシートサーチシステム |
|
BFP450 データシート(PDF) 26 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BFP450 データシート(HTML) 26 Page - Infineon Technologies AG |
|
26 / 28 page ![]() BFP450 Simulation Data Datasheet 26 Revision 1.2, 2013-07-29 6 Simulation Data For the SPICE Gummel Poon (GP) model as well as for the S-parameters (including noise parameters) please refer to our internet website: www.infineon.com/rf.models. Please consult our website and download the latest versions before actually starting your design. You find the BFP450 SPICE GP model in the internet in MWO- and ADS-format, which you can import into these circuit simulation tools very quickly and conveniently. The model already contains the package parasitics and is ready to use for DC- and high frequency simulations. The terminals of the model circuit correspond to the pin configuration of the device. The model parameters have been extracted and verified up to 10 GHz using typical devices. The BFP450 SPICE GP model reflects the typical DC- and RF-performance within the limitations which are given by the SPICE GP model itself. |