データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDF459MF11 データシート(PDF) 3 Page - Shoulder Electronics Limited.

部品番号 HDF459MF11
部品情報  This specification shall cover the characteristics of SAW filter 459MHz with used for remote-control security
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHOULDER [Shoulder Electronics Limited.]
ホームページ  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF459MF11 データシート(HTML) 3 Page - Shoulder Electronics Limited.

  HDF459MF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF459MF11 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDF459M
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter 459MHz with used for
remote-control security.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
2-1.Type frequency response



Html Pages

1 2 3 4 5 6