データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CL-PD6722 データシート(PDF) 39 Page - Cirrus Logic

部品番号 CL-PD6722
部品情報  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 データシート(HTML) 39 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 35Page - Cirrus Logic CL-PD6722 Datasheet HTML 36Page - Cirrus Logic CL-PD6722 Datasheet HTML 37Page - Cirrus Logic CL-PD6722 Datasheet HTML 38Page - Cirrus Logic CL-PD6722 Datasheet HTML 39Page - Cirrus Logic CL-PD6722 Datasheet HTML 40Page - Cirrus Logic CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
39
PRELIMINARY DATA SHEET v3.1
CHIP CONTROL REGISTERS
Bit 5 — Ready/Busy*
This bit indicates the state of the RDY/-IREQ pin (see page 17) on the card. If the card has been
configured for I/O, then this bit will not be valid.
Bit 6 — Card Power On
This status bit indicates whether power to the card is on. Refer to Table 5-1 on page 34 for details.
Bit 7 — VPP Valid
This bit indicates the status of the -VPP_VALID pin (see page 15).
0
Card is not ready.
1
Card is ready.
0
Power to the card is not on.
1
Power to the card is on.
0
This status bit indicates a logic high at the -VPP_VALID pin.
1
This status bit indicates a logic low at the -VPP_VALID pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More