| データシートサーチシステム |
|
CS8420 データシート(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8420 データシート(HTML) 43 Page - Cirrus Logic |
|
43 / 80 page ![]() CS8420 DS245PP2 43 11.20 Sample Rate Ratio (30) (Read Only) The Sample Rate Ratio is Fso divided by Fsi. This value is represented as an integer and a fractional part. The value is meaningful only after the both the PLL and SRC have reached lock, and the SRC output is being used SRR7-6The integer part of the sample rate ratio SRR5-0 The fractional part of the sample rate ratio 11.21 C-bit or U-bit Data Buffer (32 - 55) Either channel status data buffer E or user data buffer E (provided UBM bits are set to block mode) is accessible via these register addresses. 11.22 CS8420 I.D. and Version Register (127) (Read Only) ID3-0 ID code for the CS8420. Permanently set to 0001 VER3-0 CS8420 revision level. Revision B is coded as 0001, Revision C is coded as 0011, Revision D is coded as 0100 7 6 5 4 3210 SRR7 SRR6 SRR5 SRR4 SRR3 SRR2 SRR1 SRR0 7 6 5 4 321 ID3 ID3 ID2 ID1 ID0 VER3 VER2 VER1 VER0 |