| データシートサーチシステム |
|
CAT5259YI00 データシート(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT5259YI00 データシート(HTML) 13 Page - ON Semiconductor |
|
13 / 15 page ![]() CAT5259 http://onsemi.com 13 Table 23. ORDERING INFORMATION Orderable Part Number Resistance (kW) Lead Finish Package Shipping† CAT5259WI−50−T1 50 Matte−Tin SOIC (Pb−Free) 1000 / Tape & Reel CAT5259WI−00−T1 100 CAT5259YI−50−T2 50 TSSOP (Pb−Free) 2000 / Tape & Reel CAT5259YI−00−T2 100 CAT5259WI50 50 SOIC (Pb−Free) 31 Units / Tube CAT5259WI00 100 CAT5259YI50 50 TSSOP (Pb−Free) 62 Units / Tube CAT5259YI00 100 †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 12.For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device Nomenclature document, TND310/D, available at www.onsemi.com. 13.All packages are RoHS-compliant (Lead-Free, Halogen-Free). 14.The standard lead finish is Matte-Tin. 15.For additional package and temperature options, please contact your nearest ON Semiconductor Sales office. |