データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TESTEXEC データシート(PDF) 5 Page - Keysight Technologies

部品番号 TESTEXEC
部品情報  TestExec SL 7.1
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TESTEXEC データシート(HTML) 5 Page - Keysight Technologies

  TESTEXEC Datasheet HTML 1Page - Keysight Technologies TESTEXEC Datasheet HTML 2Page - Keysight Technologies TESTEXEC Datasheet HTML 3Page - Keysight Technologies TESTEXEC Datasheet HTML 4Page - Keysight Technologies TESTEXEC Datasheet HTML 5Page - Keysight Technologies TESTEXEC Datasheet HTML 6Page - Keysight Technologies TESTEXEC Datasheet HTML 7Page - Keysight Technologies TESTEXEC Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
05 | Keysight | TestExec SL 7.1 - Data Sheet
2. Intelligent Architecture
3. Library Reuse
4. Switch Manager
TestExec SL links to other test systems and supports multiple applications to create a
cohesive, eficient
environment for global manufacturing.
– Supports Microsoft Visual Studio.NET (C# and VB.NET), Microsoft Visual Studio (C/
C++), Keysight VEE Pro, NI LabView and LabWindows/CVI.
– Share test data with other Keysight test systems across all of your manufacturing
environments.
– Exports data in spreadsheet, XML, or Keysight 3070 formats.
– Makes critical test information available to analysis package, allowing you to
optimize the manufacturing process using actual data from the test loor.
– Provides a standard framework for interfacing with software applications used in
other parts of your enterprise as well as those used by contractors, suppliers and
vendors.
TestExec SL’s architecture provides standard platform for creating, modifying and
enhancing measurement routines for future reuse. Unlike traditional test routines, which
may all be incorporated into a single, large program, TestExec SL uses a modular approach
that is easy to modify and maintain.
Another benefit of TestExec SL is that it provides tools for administering the measurement
routines library. You can easily define, search and modify the characteristics of
measurement routines in the registration library, where those routines are accessible by
other users as well. This reusability of measurements and libraries of measurements can be
especially beneficial to organizations that have several test systems based on TestExec SL.
Connections between various instruments and the unit under test (UUT) are not
permanently “hard wired” but are controlled programmatically via “switching” to effectively
utilize the resources. TestExec SL simplifies the switching programming through powerful
Switch Manager features.
–
Topology Editor deines switchable connections and the wiring inside a ixture with a
logical node name that is easy to use and remember.
–
Switching Path Editor speciies the switching actions that tell TestExec SL how to
control programmable paths during testing.



Html Pages

1 2 3 4 5 6 7 8