| データシートサーチシステム |
|
STV9325 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9325 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() Absolute Maximum Ratings STV9325 2/14 1 Absolute Maximum Ratings Note:1. Usually the flyback voltage is slightly more than 2 x VS. This must be taken into consideration when setting VS. 2. Versus pin 4 3. V3 is higher than VS during the first half of the flyback pulse. 4. Such repetitive output peak currents are usually observed just before and after the flyback pulse. 5. This non-repetitive output peak current can be observed, for example, during the Switch-On/Switch- Off phases. This peak current is acceptable providing the SOA is respected (Figure 8 and Figure 9). 6. All pins have a reverse diode towards pin 4, these diodes should never be forward-biased. 7. Input voltages must not exceed the lower value of either VS + 2 or 40 volts. 2Thermal Data Symbol Parameter Value Unit Voltage VS Supply Voltage (pin 2) - Note 1 and Note 2 40 V V5, V6 Flyback Peak Voltage - Note 2 75 V V3 Voltage at Pin 3 - Note 2, Note 3 and Note 6 -0.4 to (VS + 3) V V1, V7 Amplifier Input Voltage - Note 2, Note 6 and Note 7 - 0.4 to (VS + 2) or +40 V Current I0 (1) Output Peak Current at f = 50 to 200 Hz, t ≤ 10µs - Note 4 ±5 A I0 (2) Output Peak Current non-repetitive - Note 5 ±2 A I3 Sink Sink Current, t<1ms - Note 3 2A I3 Source Source Current, t < 1ms 2 A I3 Flyback pulse current at f=50 to 200 Hz, t ≤10µs - Note 4 ±5 A ESD Susceptibility ESD1 Human body model (100 pF discharged through 1.5 k Ω)2 kV ESD2 EIAJ Standard (200 pF discharged through 0 Ω)300 V Temperature Ts Storage Temperature -40 to 150 °C Tj Junction Temperature +150 °C Symbol Parameter Value Unit RthJC Junction-to-Case Thermal Resistance 3 °C/W TT Temperature for Thermal Shutdown 150 °C TJ Recommended Max. Junction Temperature 120 °C |