| データシートサーチシステム |
|
TMP06ART-REEL7 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
TMP06ART-REEL7 データシート(HTML) 21 Page - Analog Devices |
|
21 / 28 page ![]() TMP05/TMP06 Rev. 0 | Page 21 of 28 #include <stdio.h> #include <ADuC812.h> //ADuC812 SFR definitions void delay(int); sbit Daisy_Start_Pulse = 0xB7; //Daisy_Start_Pulse = P3.7 sbit P3_4 = 0xB4; long temp_high0,temp_low0,temp_high1,temp_low1,temp_high2,th,tl; //Global variables to allow //access during ISR. //See Figure 32. int timer0_count=0,timer1_count=0,tempsegment=0; void int0 () interrupt 0 //INT0 Interrupt Service Routine { if (TR1 == 1) { th = TH1; tl = TL1; th = TH1; //To avoid misreading timer TL1 = 0; TH1 = 0; } TR1=1; //Start timer1 running, if not running Already if (tempsegment == 1) { temp_high0 = (TH0*0x100+TL0)+(timer0_count*65536); //Convert to integer TH0=0x00; //Reset count TL0=0x00; timer0_count=0; } if (tempsegment == 2) { temp_low0 = (th*0x100+tl)+(timer1_count*65536); //Convert to integer temp_high1 = (TH0*0x100+TL0)+(timer0_count*65536); //Convert to integer TH0=0x00; //Reset count TL0=0x00; timer0_count=0; timer1_count=0; } if (tempsegment == 3) { temp_low1 = (th*0x100+tl)+(timer1_count*65536); //Convert to integer temp_high2 = (TH0*0x100+TL0)+(timer0_count*65536); TH0=0x00; //Reset count TL0=0x00; timer0_count=0; timer1_count=0; } tempsegment++; } void timer0 () interrupt 1 { timer0_count++; //Keep a record of timer0 overflows } void timer1 () interrupt 3 { timer1_count++; //Keep a record of timer1 overflows |