| データシートサーチシステム |
|
RS3-409S-R15 データシート(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RS3-409S-R15 データシート(HTML) 5 Page - Copal Electronics |
|
5 / 5 page ![]() RS / RG ROTARY SELECTOR SWITCHES 2 poles 6 contacts 1 pole 12 contacts External connection 4 poles 6 contacts 2 poles 12 contacts External connection 7.620.1 10.160.1 28 – 0.9 7.620.1 7.620.1 10.160.1 30 – 0.9 5.30.1 7.620.1 φ φ RS 2 RG 2 RG case RS case 7.620.1 14 – 0.9 7.620.1 16 – 0.9 5.30.1 φ φ RS 1 RG 1 RS case RG case ■ TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS RS RG Terminal pin layout (Bottom view) P.C.B. dimensions (Bottom view) (Unit: mm) The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard versions, but our production will be made upon receipt of your orders. ■ PACKAGING SPECIFICATIONS Note: The conventional knob (Round shaft, φ3.2 mm) available in the market such as the one in the picture can be used. O Boxing of one block type is performed 20 pcs. (More than two blocks type are 10 pcs.) per box.Order will be accept for the quantities by packaging unit(s). (Ex. 1 block: 20 pcs, 40pcs… / 2 blocks~: 10 pcs, 20 pcs…) |