| データシートサーチシステム |
|
RS1-509S-R15 データシート(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RS1-509S-R15 データシート(HTML) 2 Page - Copal Electronics |
|
2 / 5 page ![]() RS / RG ROTARY SELECTOR SWITCHES The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard versions, but our production will be made upon receipt of your orders. ■ PART NUMBER DESIGNATION R S 1 - 1 12 S - R 15 Series name No. of blocks 1 ∼ 3:1 ∼ 3 blocks No. of poles 1 ∼ 6:1 ∼ 6 poles Shaft length Shape of shaft 15 :15 mm R :Round type φ3.2 mm D :D-cut φ4.0 mm ※ Shaft length of 10 mm or 20 mm is also available. Contact timing S :Shorting N :Non-shorting No. of contacts 02 ∼ 12:2 ∼ 12 contacts RS :Selector RG :Selector (with a ground terminal) ■ LIST OF PART NUMBERS No. of blocks No. of poles No. of contacts 02 03 04 05 06 07 08 09 10 11 12 RS1-102 RS1-103 RS1-104 RS1-105 RS1-106 RS1-107 RS1-108 RS1-109 RS1-110 RS1-111 RS1-112 RS1-202 RS1-203 RS1-204 RS1-205 RS1-206 RS2-207 RS2-208 RS2-209 RS2-210 RS2-211 RS2-212 RS2-302 RS2-303 RS2-304 RS2-305 RS2-306 RS3-307 RS3-308 RS3-309 RS3-310 RS3-311 RS3-312 RS2-402 RS2-403 RS2-404 RS2-405 RS2-406 RS3-502 RS3-503 RS3-504 RS3-505 RS3-506 RS3-602 RS3-603 RS3-604 RS3-605 RS3-606 1 1 2 3 4 5 6 2 3 2 3 : Not manufactured ※Verify the above part numbers when placing orders. ※The above par t numbers are all available respectively with the combination of Ground terminal (with or without). Contact timing (Shorting or Non-shorting), and Shaft shape (Round or D-cut). |