| データシートサーチシステム |
|
BCM20705 データシート(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
BCM20705 データシート(HTML) 13 Page - Cypress Semiconductor |
|
13 / 67 page ![]() Usage Model BCM20705 Data Sheet BROADCOM CONFIDENTIAL Broadcom® Bluetooth Transceiver and Baseband Processor November 13, 2014 • MCS20705-DS104-R Page 12 Usage Model This section contains information on the PC Product Usage Model. PC Product Usage Model The BCM20705 can be directly interfaced using the HCI USB interface, providing full support for embedded USB applications like laptops and PC motherboards. The BCM20705 also supports PC applications as an external USB dongle peripheral device. Figure 3 shows an example of a PC product usage model. Figure 3: PC Product Usage Model Host PC Flash Memory IEEE 802.11™ WLAN USB OPTIONAL/STATUS BT_BUSY/TX_REQ WIFI_BUSY/TX_CONFIRM LINK_IND 20 MHz Crystal Oscillator Serial Interface VDD_USB |