データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2588 データシート(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM2588
部品情報  SIMPLE SWITCHER 5A Flyback Regulator with
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 データシート(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 9Page - National Semiconductor (TI) LM2588 Datasheet HTML 10Page - National Semiconductor (TI) LM2588 Datasheet HTML 11Page - National Semiconductor (TI) LM2588 Datasheet HTML 12Page - National Semiconductor (TI) LM2588 Datasheet HTML 13Page - National Semiconductor (TI) LM2588 Datasheet HTML 14Page - National Semiconductor (TI) LM2588 Datasheet HTML 15Page - National Semiconductor (TI) LM2588 Datasheet HTML 16Page - National Semiconductor (TI) LM2588 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Typical Flyback Regulator Applications
Figure 7 through 12 show six typical flyback applications,
varying from single output to triple output. Each drawing con-
tains the part number(s) and manufacturer(s) for every com-
ponent except the transformer. For the transformer part
numbers and manufacturers’ names, see the table in
Figure
13.
For
applications
with
different
output
voltages — requiring the LM2588-ADJ — or different output
configurations that do not match the standard configurations,
refer to the
Switchers Made Simple™ software.
DS012420-25
FIGURE 7. Single-Output Flyback Regulator
DS012420-26
FIGURE 8. Single-Output Flyback Regulator
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29