データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA30 データシート(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

部品番号 SA30
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
ホームページ  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SA30 データシート(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  SA30 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SA30 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SA30 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Device
Nominal
Voltage
(V)
Breakdown
Voltage @IT
VBR
(V)(note1)
Test
Current
IT
(mA)
Stand-Off
Voltage
VWM
(V)
Maximum
Reverse
Leakage
@VWM
ID
(μΑ)
Maximum
Peak Pulse
Current
IPPM
(note2)(A)
Maximum
Clamping
Voltage @IPPM
VC(V)
Maximum
Temperature
Coefficient
of VBR(%/°C)
Min
Max
UNI
BI
SA36
SA36C
36.0
40
48.9
1.0
36
1
7.8
64.3
0.101
SA36A
SA36CA
36.0
40
44.2
1.0
36
1
8.6
58.1
0.101
SA40
SA40C
40.0
44.4
54.3
1.0
40
1
7
71.4
0.101
SA40A
SA40CA
40.0
44.4
49.1
1.0
40
1
7.8
64.5
0.101
SA43
SA43C
43.0
47.8
58.4
1.0
43
1
6.5
76.7
0.102
SA43A
SA43CA
43.0
47.8
52.8
1.0
43
1
7.2
69.4
0.102
SA45
SA45C
45.0
50
61.1
1.0
45
1
6.2
80.3
0.103
SA45A
SA45CA
45.0
50
55.3
1.0
45
1
6.9
72.7
0.103
SA48
SA48C
48.0
53.3
65.2
1.0
48
1
5.8
85.5
0.103
SA48A
SA48CA
48.0
53.3
58.9
1.0
48
1
6.5
77.4
0.103
SA51
SA51C
51.0
56.7
69.3
1.0
51
1
5.5
91.1
0.104
SA51A
SA51CA
51.0
56.7
62.7
1.0
51
1
6.1
82.4
0.104
SA54
SA54C
54.0
60
73.3
1.0
54
1
5.2
96.6
0.104
SA54A
SA54CA
54.0
60
66.3
1.0
54
1
5.7
87.1
0.104
SA58
SA58C
58.0
64.4
78.7
1.0
58
1
4.9
103
0.104
SA58A
SA58CA
58.0
64.4
71.2
1.0
58
1
5.3
93.6
0.104
SA60
SA60C
60.0
66.7
81.5
1.0
60
1
4.7
107
0.105
SA60A
SA60CA
60.0
66.7
73.7
1.0
60
1
5.2
96.8
0.105
SA64
SA64C
64.0
71.1
86.9
1.0
64
1
4.4
114
0.105
SA64A
SA64CA
64.0
71.1
78.6
1.0
64
1
4.9
103
0.105
SA70
SA70C
70.0
77.8
95.1
1.0
70
1
4
125
0.105
SA70A
SA70CA
70.0
77.8
86
1.0
70
1
4.4
113
0.105
SA75
SA75C
75.0
83.3
102
1.0
75
1
3.7
134
0.106
SA75A
SA75CA
75.0
83.3
92.1
1.0
75
1
4.1
121
0.106
SA78
SA78C
78.0
86.7
106
1.0
78
1
3.6
139
0.106
SA78A
SA78CA
78.0
86.7
95.8
1.0
78
1
4
126
0.106
SA85
SA85C
85.0
94.4
115
1.0
85
1
3.3
151
0.106
SA85A
SA85CA
85.0
94.4
104
1.0
85
1
3.6
137
0.106
SA90
SA90C
90.0
100
122
1.0
90
1
3.1
160
0.107
SA90A
SA90CA
90.0
100
111
1.0
90
1
3.4
146
0.107
SA100
SA100C
100.0
111
136
1.0
100
1
2.8
179
0.107
SA100A
SA100CA
100.0
111
123
1.0
100
1
3.1
162
0.107
SA110
SA110C
110.0
122
149
1.0
110
1
2.6
196
0.108
SA110A
SA110CA
110.0
122
135
1.0
110
1
2.8
177
0.108
SA120
SA120C
120.0
133
163
1.0
120
1
2.3
214
0.108
SA120A
SA120CA
120.0
133
147
1.0
120
1
2
193
0.108
SA130
SA130C
130.0
144
176
1.0
130
1
2.2
230
0.108
SA130A
SA130CA
130.0
144
159
1.0
130
1
2.4
209
0.108
SA150
SA150C
150.0
167
204
1.0
150
1
1.9
268
0.108
SA150A
SA150CA
150.0
167
185
1.0
150
1
2.1
243
0.108
SA160
SA160C
160.0
178
218
1.0
160
1
1.7
257
0.108
SA160A
SA160CA
160.0
178
197
1.0
160
1
1.9
259
0.108
SA170
SA170C
170.0
189
231
1.0
170
1
1.6
304
0.108
SA170A
SA170CA
170.0
189
209
1.0
170
1
1.8
275
0.108
Note:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.



Html Pages

1 2 3