データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDURD330 データシート(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 SDURD330
部品情報  Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURD330 データシート(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURD330 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD330 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD330 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD330 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Green Products
Data Sheet N1817, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SDURD330
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
300
V
Average Forward Current
Io
B
(AV)
B
50% duty cycle @Tc=90°C,
rectangular wave form
3
A
Peak One Cycle Non-Repetitive
Surge Current
(Per leg)
I
B
FSM
B
8.3ms, Half Sine pulse
75
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Forward Voltage Drop
(Per leg)*
V
B
F
B121
1
B
@ I
B
F
B
=3A, Pulse, T
B
J
B
= 25℃
1.15
V
V
B
F2
B
@ I
B
F
B
=3A, Pulse, T
B
J
B
= 125℃
0.92
Reverse Current
(Per leg)*
I
B
R1
B
@V
B
R
B
= rated VR
T
B
J
B
= 25℃
5
μA
I
B
R2
B
@V
B
R
B
= rated VR
T
B
J
B
= 125℃
500
μA
Reverse Recovery Time
(Per leg)*
t
B
rr
B
I
B
F
B
=500mA, I
B
R
B
=1A,and I
B
rm
B
=250mA
35
ns
* Pulse width < 300 µs, duty cycle < 2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
T
B
J
B
-
-55 to +150
Storage Temperature
T
B
stg
B
-
-55 to +150
Typical Thermal Resistance
Junction to Case
R
B
θJC
B
DC operation
2
/W
Typical Thermal Resistance
Junction to Ambient (Note 1)
R
B
θJC
A
DC operation
49
/W
Approximate Weight
wt
-
0.39
g
Case Style
DPAK
Note1. Rating applies when surface mounted on a 700 mm
2, 1 oz Cu heat spreader.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com